Part Number Hot Search : 
2B1210 AMP01EX 67AXI RVT200 48S15 25201 TA79L010 M62462FP
Product Description
Full Text Search
 

To Download AP85T03GS-HF14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet low gate charge bv dss 30v simple drive requirement r ds(on) 6m ? fast switching characteristic i d 75a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w w/ t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 1.4 /w rthj-a 40 /w rthj-a maximum thermal resistance, junction-ambient 62 /w data & specifications subject to change without notice 201104256 a p85t03gs/p-hf 0.7 1 -55 to 175 maximum thermal resistance, junction-ambient (pcb mount) 3 parameter rating halogen-free product drain-source voltage 30 gate-source voltage + 20 continuous drain current, v gs @ 10v 75 storage temperature range continuous drain current, v gs @ 10v 55 pulsed drain current 1 350 total power dissipation 107 -55 to 175 linear derating factor thermal data parameter operating junction temperature range the to-263 package is widely preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. the through-hole version (ap85t03gp) is available for low-profile applications. g d s g d s to-263(s) g d s to-220(p)
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 30 - - v ? bv dss / ? t j breakdown voltage temperature coefficient reference to 25 , i d =1ma - 0.018 -v/ r ds(on) static drain-source on-resistance 2 v gs =10v, i d =45a - - 6 m ? v gs =4.5v, i d =30a - - 10 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =30a - 55 - s i dss drain-source leakage current v ds =30v, v gs =0v - - 1 ua drain-source leakage current (t j =125 o c) v ds =24v, v gs =0v - - 250 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =30a - 33 52 nc q gs gate-source charge v ds =24v - 7.5 nc q gd gate-drain ("miller") charge v gs =4.5v - 24 nc t d(on) turn-on delay time 2 v ds =15v - 11.2 - ns t r rise time i d =30a - 77 - ns t d(off) turn-off delay time r g =3.3 ? ,v gs =10v - 35 - ns t f fall time r d =0.5 ? -67- ns c iss input capacitance v gs =0v - 2700 4200 pf c oss output capacitance v ds =25v - 550 - pf c rss reverse transfer capacitance f=1.0mhz - 380 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =45a, v gs =0v - - 1.3 v t rr reverse recovery time 2 i s =30a, v gs =0 v , - 28 - ns q rr reverse recovery charge di/dt=100a/s - 10 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse width < 300us , duty cycle < 2%. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 ap85t03gs/p-hf 3.surface mounted on 1 in 2 copper pad of fr4 board
a p85t03gs/p-h f fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 3 5 7 9 11 13 246810 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =30a t c =25 0 0.4 0.8 1.2 1.6 2 -50 25 100 175 t j ,junction temperature ( o c) v gs(th) (v) 0 50 100 150 200 250 300 0123456 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c v g =4.0v 4.5v 10v 7.0v 6.0v 0 50 100 150 012345 v ds , drain-to-source voltage (v) i d , drain current (a) v g =4.0v 4.5v 10v 7.0v 6.0v t c = 175 o c 0.5 1.0 1.5 2.0 -50 0 50 100 150 200 t j , junction temperature ( o c) normalized r ds(on) v g =10v i d =45a 0 10 20 30 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) is (a) t j =25 o c t j =175 o c
ap85t03gs/p-h f fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 4.5v q gs q gd q g charge 100 1000 10000 1 6 11 16 21 26 31 v ds ,drain-to-source voltage (v) c (pf) f =1.0mhz c iss c oss c rss 0 2 4 6 8 10 12 0 10203040506070 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =15v v ds =20v v ds =24v i d =30a 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty=0.5 single pulse 1 10 100 1000 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t c =25 o c s ingle pulse 100us 1ms 10ms 100ms dc operation in this area limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of AP85T03GS-HF14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X